Part Number Hot Search : 
06ILF 39530 TDA7449 245DGG MTZJ12 39504 EFC46 LZ2325A
Product Description
Full Text Search
 

To Download TSC8051C1X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSC8051C1
8-Bit Microcontroller for Digital Computer Monitors
1. Introduction
In addition, the TSC8051C1 has 2 software selectable modes of reduced activity for further reduction in power consumption. In the idle mode the CPU is frozen while the RAM, the timers, the serial ports, and the interrupt The TSC8051C1 includes the fully static 8-bit "80C51" system continue to function. In the power down mode the CPU core with 256 bytes of RAM; 8 Kbytes of ROM; two RAM is saved and all other functions are inoperative. 16-bit timers; 12 PWM Channels; a 6 sources and 2-level The TSC8051C1 enables the users reducing a lot of interrupt controller; a full duplex serial port; a full I2CTM* external discrete components while bringing the maximum of flexibility. interface; a watchdog timer and on-chip oscillator. The TSC8051C1 is a stand-alone high performance CMOS 8-bit embedded microcontroller and is designed for use in CRT monitors. It is also suitable for automotive and industrial applications.
2. Features
D Boolean processor D Fully static design D 8K bytes of ROM D 256 bytes of RAM D 2 x 16-bit timer/counter D Programmable serial port D Programmable Multimaster I2C controller D 6 interrupt sources: G External interrupts (2) G Timers interrupt (2) G Serial port interrupt G I2C interrupt D Watchdog reset D On chip oscillator for crystal or ceramic resonator D 2 power saving control modes: G Idle mode G Power-down mode D Controlled HSYNC & VSYNC outputs D Up to 12 programmable PWM channels with 8-bit resolution D Up to 32 programmable I/O lines depending on the package D 40 pins DIP, 44 pins PQFP, 44 and 52 pins PLCC packages D Commercial and industrial temperature ranges D Operating Frequency: 12 MHz to 16 MHz
* I2C is a trademark of PHILIPS Corporation MATRA MHS Rev. D (14 Jan. 97) 1
TSC8051C1
3. Block Diagram
T1 3
INT1 VCC 3 VSS
T0 INT0 3 3
SDA 3
SCL 3
XTAL1 XTAL2 EA ALE PSEN 3 WR 3 RD
T0 TWO 16-BIT TIMER/EVENT COUNTER
INT0 CPU PROGRAM MEMORY 8k x 8 ROM DATA MEMORY 256 x 8 RAM SPECIAL EXTERNAL INPUTS SERIAL I2C PORT
80C51 CORE EXCLUDING ROM/RAM 8-BIT INTERNAL BUS
0 AD0-7 2 A8-15 RST PARALLEL I/O PORTS AND EXTERNAL BUS SERIAL UART PORT WATCHDOG TIMER 12 x 8-bit PWM CHANNELS CONTROLLED HSYNC & VSYNC OUTPUTS
3 P0 P1 P2 P3 TxD
3 RxD PWM0 - PWM7
1 PWM8 - PWM11
3
3
3
3
VSYNC HSYNC VOUT HOUT
0 ALTERNATE FUNCTION OF PORT0 1 ALTERNATE FUNCTION OF PORT1
2 ALTERNATE FUNCTION OF PORT2 3 ALTERNATE FUNCTION OF PORT3
Figure 1. TSC8051C1 block diagram.
2
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
4. Pin Configurations
P1.0/PWM8 P1.1/PWM9 P1.2/PWM10 P1.3/PWM11 P1.4 P1.5 P1.6 P1.7 RST P3.0/RXD P3.1/TXD P3.2/INT0/VSYNC P3.3/INT1/VOUT P3.4/TO/HSYNC P3.5/T1/HOUT P3.6/WR/SCL P3.7/RD/SDA XTAL2 XTAL1 VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 VCC P0.0/AD0 P0.1/AD1 P0.2/AD2 P0.3/AD3 P0.4/AD4 P0.5/AD5 P0.6/AD6 P0.7/AD7 EA ALE PSEN PWM7 * PWM6 * PWM5 * PWM4 * PWM3 * PWM2 * PWM1 * PWM0 *
INDEX CORNER P1.5 P1.6 P1.7 RST P3.0/RXD NC P3.1/TXD P3.2/INT0/VSYNC PWM7* PWM6* PWM5* 7 8 9 10 11 12 13 14 15 16 17
6
P1.3/PWM11 P1.2/PWM10 P1.1/PWM9 P1.0/PWM8 NC VCC P0.0 P0.1 P0.2 P0.3
5 4 3 2 1 44 43 42 41 40 39 38 37 36 35 P0.4 P0.5 P0.6 P0.7 EA NC ALE PSEN PWM7* PWM6* PWM5*
DIL 40
P1.4
PLCC 44
34 33 32 31 30 29
18 19 20 21 22 23 24 26 26 27 28
P3.6/WR/SCL P3.7/RD/SDA XTAL2 XTAL1 VSS P1.2/PWM10 P1.1/PWM9 P1.0/PWM8 VCC P0.0 P0.1 P0.2
4 3 2 1 52 51 50 49 48 47 46 45 44 43 42 41 P0.5 P0.6 P0.7 EA ALE PSEN P2.7 PWM7 P2.6 PWM6 P2.5 PWM5 PWM4
*PWMx or P2.x depending on option (see ordering information)
P1.3/PWM11
NC P1.4
7 NC P1.5 P1.6 P1.7 RST P3.0/RXD P3.1/TXD P3.2/INT0/VSYNC P3.3/INT1/VOUT P3.4/T0/HSYNC P3.5/T1/HOUT NC P3.6/WR/SCL 8 9 10 11 12 13 14 15 16 17 18 19 20
6
5
PLCC 52
NC
INDEX CORNER
P0.3 P0.4
40 39 38 37 36 35 34
21 22 23 24 25 26 27 28 29 30 31 32 33
P3.7/RD/SDA XTAL2 XTAL1 VSS
PWM0 P2.1
PWM1 P2.2 PWM2 P2.3
Figure 2. TSC8051C1 pin configurations.
PWM3 P2.4
P2.0
NC PWM0* PWM1* PWM2* PWM3* PWM4*
MATRA MHS Rev. D (14 Jan. 97)
3
TSC8051C1
5. Pin Description
VSS
Circuit ground. Port 2 emits the high-order 8-bit address during fetches from external Program Memory and during accesses to external Data Memory that use 16-bit addresses. In this application it uses strong internal pull-up when emitting 1's. Port 2 can sink and source 3 LS TTL loads.
VCC
Power supply voltage.
RST
A high level on this pin for two machine cycles while the oscillator is running resets the device. An internal pulldown resistor permits power-on reset using only a capacitor connected to VCC.
PORT 3 (P3.0-P3.7)
Port 3 is an 8-bit bidirectional I/O port with internal pullups. Port 3 pins that have 1's written to them are pulled high by the internal pullups, and in that state can be used as inputs. As inputs, Port 3 pins that are externally being pulled low will source current (IIL on the data-sheet) because of the internal pullups. Each line on this port has 2 or 3 functions either a general I/O or special control signal, as listed below:
Port Pin
P3.0 P3.1 P3.2 P3.3
PORT 0 (P0.0-P0.7)
Port 0 is an 8-bit open-drain bidirectional I/O port. Port 0 pins that have 1's written to them float, and in that state can be used as high-impedance inputs. Port 0 is also the multiplexed low-order address and data bus during access to external Program and Data memory. In this application it uses strong internal pull-up when emitting 1's. Port 0 can sink and source 8 LS TTL loads.
Alternate Function
RXD: serial input port. TXD: serial output port. INT0: external interrupt 0. VSYNC: vertical synchro input. INT1: external interrupt 1. VOUT: buffered V-SYNC output. T0: Timer 0 external input. HSYNC: horizontal synchro input. T1: Timer 1 external input. HOUT: buffered H-SYNC output. WR: external data memory write strobe. SCL: serial port clock line I2C bus. RD: external data memory read strobe. SDA: serial port data line I2C bus.
PORT 1 (P1.0-P1.7)
Port 1 is an 8-bit bidirectional I/O port with internal pullups. Port 1 pins that have 1's written to them are pulled high by the internal pullups, and in that state can be used as inputs. As inputs, Port 1 pins that are externally being pulled low will source current (IIL on the data-sheet) because of the internal pullups. Port 1 also serves 4 programmable PWM open drain outputs, as listed below:
Port Pin P1.0
P1.1 P1.2 P1.3
P3.4 P3.5 P3.6 P3.7
Port 3 can sink and source 3 LS TTL loads.
Alternate Function
PWM8: Pulse Width Modulation output 8. PWM9: Pulse Width Modulation output 9. PWM10: Pulse Width Modulation output 10. PWM11: Pulse Width Modulation output 11.
PWM0-7
These eight Pulse Width Modulation outputs are true open drain outputs and are floating after reset.
ALE
The Address Latch Enable output signal occurs twice each machine cycle except during external data memory access. The negative edge of ALE strobes the address into external data memory or program memory. ALE can sink and source 8 LS TTL loads. If desired, ALE operation can be disabled by setting bit 0 of SFR location AFh (MSCON). With the bit set, ALE is active only during MOVX instruction and external fetches. Otherwise the pin is pulled low.
Port 1 can sink and source 3 LS TTL loads.
PORT 2 (P2.0-P2.7)
Port 2 is an 8-bit bidirectional I/O port with internal pullups. Port 2 pins that have 1's written to them are pulled high by the internal pullups, and in that state can be used as inputs. As inputs, Port 2 pins that are externally being pulled low will source current (IIL on the data-sheet) because of the internal pullups.
4
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
EA
When the External Access input is held high, the CPU executes out of internal program memory (unless the Program Counter exceeds 1FFFh). When EA is held low the CPU executes only out of external program memory. must not be left floating.
XTAL1
Input to the inverting oscillator amplifier and input to the external clock generator circuits.
XTAL2
Output from the inverting oscillator amplifier. This pin should be non-connected when external clock is used.
PSEN
The Program Store Enable output signal remains high during internal program memory. An active low output occurs during an external program memory fetch. PSEN can sink and source 8 LS TTL loads.
MATRA MHS Rev. D (14 Jan. 97)
5
TSC8051C1
6. Basic Functional Description
6.1. Idle And Power Down Operation
Figure 3 shows the internal Idle and Power Down clock configuration. As illustrated, Power Down operation stops the oscillator. Idle mode operation allows the interrupt, serial port, and timer blocks to continue to operate while the clock to the CPU is gated off. These special modes are activated by software via the Special Function Register, its hardware address is 87h. PCON is not bit addressable.
XTAL2 OSC
XTAL1 INTERRUPT SERIAL PORT TIMER BLOCKS CPU PD IDL
CLOCK GEN.
Figure 3. Idle and Power Down Hardware. PCON: Power Control Register
MSB
SMOD - - -
SFR 87h
GF1 GF0 PD
LSB
IDL
Symbol
IDL PD GF0 GF1 - - - SMOD
Position
PCON.0 PCON.1 PCON.2 PCON.3 PCON.4 PCON.5 PCON.6 PCON.7
Name and Function
Idle mode bit. Setting this bit activates idle mode operation. Power Down bit. Setting this bit activates power down operation. General-purpose flag bit. General-purpose flag bit. (Reserved). (Reserved). (Reserved). Double Baud rate bit. Setting this bit causes the baud rate to double when the serial port is being used in either modes 1, 2 or 3.
If 1's are written to PD and IDL at the same time, PD takes precedence. The reset value of PCON is 0XXX0000b.
6.1.1. Idle Mode
The instruction that sets PCON.0 is the last instruction executed before the Idle mode is activated. Once in the Idle mode the CPU status is preserved in its entirety: the Stack Pointer, Program Counter, Program Status Word, Accumulator, RAM, and all other register maintain their data during Idle Table 1 describes the status of the external pins during Idle mode. There are two ways to terminate the Idle mode. Activation of any enabled interrupt will cause PCON.0 to be cleared by hardware terminating Idle mode. The interrupt is serviced, and following RETI, the next instruction to be executed will be the one following the instruction that wrote 1 to PCON.0. The flag bits GF0 and GF1 may be used to determine whether the interrupt was received during normal execution or during the Idle mode. For example, the instruction that writes to PCON.0 can also set or clear one or both flag bits. When Idle mode is terminated by an enabled interrupt, the service routine can examine the status of the flag bits. The second way of hardware reset. Since hardware reset needs cycles (24 oscillator operation. terminating the Idle is with a the oscillator is still running, the to be active for only 2 machine periods) to complete the reset
6
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
6.1.2. Power Down Mode
The instruction that sets PCON.1 is the last executed prior to entering power down. Once in power down, the oscillator is stopped. The contents of the onchip RAM and the Special Function Register are saved during power down mode. A hardware reset is the only way of exiting the power down mode. The hardware reset initiates the Special Function Register. In the Power Down mode, VCC may be lowered to minimize circuit power consumption. Care must be taken to ensure the voltage is not reduced until the power down mode is entered, and that the voltage is restored before the hardware reset is applied which frees the oscillator. Reset should not be released until the oscillator has restarted and stabilized. Table 1 describes the status of the external pins while in the power down mode. It should be noted that if the power down mode is activated while in external program memory, the port data that is held in the Special Function Register P2 is restored to Port 2. If the data is a 1, the port pin is held high during the power down mode by the strong pullup transistor. Table 1. Status of the external pins during Idle and Power Down modes.
Mode
Idle Idle Power Down Power Down
Program Memory
Internal External Internal External
ALE
1 1 0 0
PSEN
1 1 0 0
Port 0
Port Data Floating Port Data Floating
Port 1
Port Data Port Data Port Data Port Data
Port 2
Port Data Address Port Data Port Data
Port 3
Port Data Port Data Port Data Port Data
PWMx
Floating Floating Floating Floating
6.2. Stop Clock Mode
Due to static design, the TSC8051C1 clock speed can be reduced down to 0 MHz without any data loss in memory or register. This mode allows step by step code execution, and permits to reduce system power consumption by bringing the clock frequency down to any value. When the clock is stopped, the power consumption is the same as in the Power Down Mode.
6.4. I/O Configurations
Figure 4. shows a functional diagram of the generic bit latch and I/O buffer in each of the four ports. The bit latch, (one bit in the port SFR) is represented as a D type flip-flop. A `write to latch' signal from the CPU latches a bit from the internal bus and a `read latch' signal from the CPU places the Q output of the flip-flop on the internal bus. A `read pin' signal from the CPU places the actual pin logical level on the internal bus. Some instructions that read a port read the actual pin, and other instructions read the latch (SFR).
6.3. I/O Ports Structure
The TSC8051C1 has four 8-bit ports. Each port consist of a latch (special function register P0 to P3), an input buffer and an output driver. These ports are the same as in 80C51, with the exception of the additional functions of port 1 and port 3 (see Pin Description section).
MATRA MHS Rev. D (14 Jan. 97)
7
TSC8051C1
READ LATCH ADDR/DATA CONTROL VCC READ LATCH P0.X PIN D Q P0.X LATCH Q LE PWMX CONTROL VCC INTERNAL PULL-UP* P1.X PIN Q P1.X LATCH LE Q D
INT. BUS WRITE TO LATCH
INT. BUS WRITE TO LATCH
MUX
MUX
READ PIN
READ PIN
PORT 0 BIT
PORT 1 BIT
* Internal pull-up not present on P1.0 to P1.3 when PWM8 to PWM11 are enabled
READ LATCH
ADDR CONTROL
VCC INTERNAL PULL-UP P2.X PIN READ LATCH
ALTERNATE VCC OUTPUT SIO1 FUNCTION CONTROL* INTERNAL PULL-UP* P3.X PIN Q P3.X LATCH LE Q D
INT. BUS WRITE TO LATCH
D
Q P2.X LATCH LE Q
INT. BUS WRITE TO LATCH
MUX
READ PIN
READ PIN
PORT 2 BIT
ALTERNATE INPUT FUNCTION
PORT 3 BIT
* Internal pull-up not present on P3.6 and P3.7 when SIO1 is enabled.
Figure 4. Port Bit Latches and I/O buffers
6.5. Reset Circuitry
The reset circuitry for the TSC8051C1 is connected to the reset pin RST. A Schmitt trigger is used at the input for noise rejection (see Figure 5. ). A reset is accomplished by holding the RST pin high for at least two machine cycles (24 oscillator periods) while the oscillator is running. The CPU responds by executing an internal reset. It also configures the ALE and PSEN pins as inputs (they are quasi-bidirectional). A Watchdog timer underflow if enabled, will force a reset condition to the TSC8051C1 by an internal connection. The internal reset is executed during the second cycle in which reset is high and is repeated every cycle until RST goes low. It leaves the internal registers as follows:
Register
ACC B DPTR EICON HWDR IE IP MSCON MXCR0-1 P0-P3
Content
00h 00h 0000h 00h 00h 0X000000b XX000000b XXXXXXX0b 00h FFh
8
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
Register
PC PCON PSW PWM0-11 PWMCON S1CON S1DAT S1STA SBUF SCON SOCR SP TCON TH0, TH1 TL0, TL1 TMOD
Content
0000h 0XXX0000b 00h 00h XXXXXXX0b 00h 00h F8h 00h 00h 00h 07h 00h 00h 00h 00h
VCC + RST VRST VSS R RST VCC TSC8051C1
1mF
Figure 6. Power-on Reset Circuit
6.6. Oscillator Characteristics
XTAL1 and XTAL2 are respectively the input and output of an inverting amplifier which is configured for use as an on-chip oscillator. As shown in Figure 7. , either a quartz crystal or ceramic resonator may be used. To drive the device from an external clock source, XTAL1 should be driven while XTAL2 is left unconnected as shown in Figure 8. There are no requirements on the duty cycle of the external clock signal, since the input to the internal clocking circuitry is through a divide-by-two flip-flop. The minimum high and low times specified on the data sheet must be observed however.
XTAL2
The internal RAM is not affected by reset. At power-on reset, the RAM content is indeterminate.
RST On-chip resistor R RST Schmitt Trigger
Reset Circuitry
XTAL1 Watchdog Reset VSS
Figure 5. On-Chip Reset Configuration. Figure 7. Crystal Oscillator An automatic reset can be obtained when VCC is turned on by connecting the RST pin to VCC through a 1F capacitor providing the VCC setting time does not exceed 1ms and the oscillator start-up time does not exceed 10ms. This power-on reset circuit is shown in Figure 6. When power comes on, the current drawn by RST starts to charge the capacitor. The voltage at RST is the difference between VCC and the capacitor voltage, and decreases from VCC as the capacitor charges. VRST must remain above the lower threshold of the Schmitt trigger long enough to effect a complete reset. The time required is the oscillator start-up time, plus 2 machine cycles.
NC EXTERNAL OSCILLATOR SIGNAL
XTAL2 XTAL1 VSS
Figure 8. External Drive Configuration
MATRA MHS Rev. D (14 Jan. 97)
9
TSC8051C1
6.7. Memory organization
The memory organisation of the TSC8051C1 is the same as in the 80C51, with the exception that the TSC8051C1 has 8k bytes ROM, 256 bytes RAM, and additional SFRs. Details of the differences are given in the following paragraphs. In the TSC8051C1, the lowest 8k of the 64k program memory address space is filled by internal ROM. Depending on the package used, external access is available or not. By tying the EA pin high, the processor fetches instructions from internal program ROM. Bus expansion for accessing program memory from 8k upward is automatic since external instruction fetches occur automatically when the program counter exceeds 1FFFh. If the EA pin is tied low, all program memory fetches are from external memory. The execution speed is the same regardless of whether fetches are from external or internal program memory. If all storage is on-chip, then byte location 1FFFh should be left vacant to prevent an undesired pre-fetch from external program memory address 2000h. Certain locations in program memory are reserved for specific purposes. Locations 0000h to 0002h are reserved for the initialisation program. Following reset, the CPU always begins execution at location 0000h. Locations 0003h to 0032h are reserved for the six interrupt request service routines. The internal data memory space is divided into a 256-bytes internal RAM address space and a 128 bytes special function register address space. The internal data RAM address space is 0 to FFh. Four 8-bit register banks occupy locations 0 to 1Fh. 128 bit locations of the internal data RAM are accessible through direct addressing. These bits reside in 16 bytes of internal RAM at location 20h to 2Fh. The stack can be located anywhere in the internal data RAM address space by loading the 8-bit stack pointer (SP SFR). The SFR address space is 100h to 1FFh. All registers except the program counter and the four 8-bit register banks reside in this address space. Memory mapping of the SFRs allows them to be accessed as easily as internal RAM, and as such, they can be operated on by most instructions.The mapping in the SFR address space of the 43 SFRs is shown in Table 2. The SFR names in italic are TSC8051C1 new SFRs and are described in Peripherals Functional Description section. The SFR names in bold are bit addressable.
10
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
Table 2. Mapping of Special Function Register
0/8 F8 F0 E8 E0 D8 D0 C8 C0 B8 B0 A8 A0 98 90 88 80
IP P3 IE P2 SCON P1 TCON P0 TMOD SP TL0 DPL TL1 DPH TH0 TH1 PCON SBUF MSCON ACC S1CON PSW S1STA S1DAT B
1/9
2/A
3/B
4/C
PWM8 PWM4 PWM0 EICON
5/D
PWM9 PWM5 PWM1 SOCR
6/E
PWM10 PWM6 PWM2 HWDR
7/F
PWM11 PWM7 PWM3 MXCR0 PWMCON MXCR1
6.8. Interrupts
The TSC8051C1 has six interrupt sources, each of which can be assigned one of two priority levels. The five interrupt sources common to the 80C51 are the external interrupts (INT0 and INT1), the timer 0 and timer 1 interrupts (IT0 and IT1), and the serial I/O interrupt (RI or TI). In the TSC8051C1, the standard serial I/O is called SIO0. The SIO1 (I2C) interrupt is generated by the SI flag in the control register (S1CON SFR). This flag is set when the status register (S1STA SFR) is loaded with a valid status code.
6.8.1. Interrupt Enable Register:
Each interrupt source can be individually enabled or disabled by setting or clearing a bit in the interrupt enable register (IE SFR). All interrupts sources can also be globally enabled or disabled by setting or clearing the EA bit in IE register.
MATRA MHS Rev. D (14 Jan. 97)
11
TSC8051C1
IE: Interrupt Enable Register
MSB
EA - ES1 ES0
SFR A8h
ET1 EX1 ET0
LSB
EX0
Symbol
EX0 ET0 EX1 ET1 ES0 ES1 - EA
Position
IE.0 Enable external interrupt 0. Enable timer 0 interrupt. Enable external interrupt 1. Enable timer 1 interrupt.
Name and Function
IE.1 IE.2 IE.3 IE.4 IE.5 IE.6 IE.7
Enable SIO0 (UART) interrupt. Enable SIO1 (I2C) interrupt. (Reserved). Enable all interrupts.
6.8.2. Interrupt Priority Structure:
Each interrupt source can be assigned one of two priority levels. Interrupt priority levels are defined by the interrupt priority register (IP SFR). Setting a bit in the interrupt priority register selects a high priority interrupt, clearing it selects a low priority interrupt. IP: Interrupt Priority Register
MSB
- - PS1 PS0
SFR B8h
PT1 PX1 PT0
LSB
PX0
Symbol
PX0 PT0 PX1 PT1 PS0 PS1 - -
Position
IP.0 IP.1 IP.2 IP.3 IP.4 IP.5 IP.6 IP.7
Name and Function
External interrupt 0 priority level. Timer 0 interrupt priority level. External interrupt 1 priority level. Timer 1 interrupt priority level. SIO0 (UART) interrupt priority level. SIO1 (I2C) interrupt priority level. (Reserved). (Unused).
A low priority interrupt service routine may be interrupted by a high priority interrupt. A high priority interrupt service routine cannot be interrupted by any other interrupt source.
If two requests of different priority levels occur simultaneously, the high priority level request is serviced. If requests of same priority are received simultaneously, an internal polling sequence determines which request is serviced. Thus, within each priority level, there is a second priority structure determined by the polling sequence, as follows:
12
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
Order
1 2 3 4 5 6
Source
INT0 Timer 0 INT1 Timer 1 SIO0 SIO1
Priority Within Level
(highest)
(lowest)
6.8.3. Interrupt Handling:
The interrupt flags are sampled at S5P2 of every machine cycle. The samples are polled during the following machine cycle. If one of the flags was in a set condition at S5P2 of the previous machine cycle, the polling cycle will find it and the interrupt system will generate a LCALL to the appropriate service routine, provided this hardware-generated LCALL is not blocked by any of the following conditions: 1. An interrupt of higher or equal priority is already in progress. 2. The current (polling) cycle is not the final cycle in the execution of the instruction in progress. 3. The instruction in progress is RETI or any access to the IE or IP SFR. Any of these three conditions will block the generation of the LCALL to the interrupt service routine. Note that if an interrupt is active but not being responded to for one of the above conditions, if the flag is not still active when the blocking condition is removed, the denied interrupt will not be serviced. In other words, the facts that the interrupt flag was once active but not serviced is not memorized. Every polling cycle is new.
Source
IE0 TF0 IE1 TF1 RI + TI SI
The processor acknowledges an interrupt request by executing a hardware-generated LCALL to the appropriate service routine. In some cases it also clears the flag that generated the interrupt, and in other case it does not. It clears the timer 0, timer 1, and external interrupt flags. An external interrupt flag (IE0 or IE1) is cleared only if it was transition-activated. All other interrupt flags are not cleared by hardware and must be cleared by the software. The LCALL pushes the contents of the program counter onto the stack (but it does not save the PSW) and reloads the PC with an address that depends on the source of the interrupt being vectored to, as listed below:
Vector Address
0003h 000Bh 0013h 001Bh 0023h 002Bh
Execution proceeds from the vector address until the RETI instruction is encountered. The RETI instruction clears the `priority level active' flip-flop that was set when this interrupt was acknowledged. It then pops two bytes from the the top of the stack and reloads the program counter with them. Execution of the interrupted program continues from where it was interrupted.
MATRA MHS Rev. D (14 Jan. 97)
13
TSC8051C1
7. Peripherals Functional Description
For detailed functionnal description of standard 80C51 peripherals, please refer to C51 Family, Hardware Description and Programmer's Guides. The 4-bit timer is decremented every `t' seconds, where: t = 12 x 131072 x 1/fosc. (131.072ms at fosc = 12MHz). Thus, the interval may vary from 131.072ms to 2097.152ms in 16 possible steps (see Table 3. ). The watchdog timer has to be reloaded (write to HWDR SFR) within periods that are shorter than the programmed watchdog interval, otherwise the watchdog timer will underflow and a system reset will be generated which will reset the TSC8051C1.
7.1. Watchdog Timer
The watchdog timer consists of a 4-bit timer with a 17-bit prescaler as shown in Figure 9. The prescaler is fed with a signal whose frequency is 1/12 the oscillator frequency (1MHz with a 12MHz oscillator). HWDR: Hardware WatchDog Register
MSB
WTE - - -
SFR E6h
WT3 WT2 WT1
LSB
WT0
Symbol
WT0 WT1 WT2 WT3 - - - WTE
Position
HWDR.0 HWDR.1 HWDR.2 HWDR.3 HWDR.4 HWDR.5 HWDR.6 HWDR.7 Watchdog Timer Interval bit 0. Watchdog Timer Interval bit 1. Watchdog Timer Interval bit 2. Watchdog Timer Interval bit 3.
Name and Function
Reserved for test purpose, must remain to 0 for normal operation. (Reserved). (Reserved). Watchdog Timer Enable bit. Setting this bit activates watchdog operation.
Table 3. Watchdog timer interval value format.
WT3
0 0 0 : : 1
HWDR is a write only register. Its value after reset is 00h which disables the watchdog operation. HWDR is using TSC8051C1 Special Function Register address, E6h.
fosc/12 Prescaler (17-bit) Clear Q Set WTE Write HWDR Internal bus Timer (4-bit) Underflow Internal reset Load
WT2
0 0 0 : : 1
WT1
0 0 1 : : 1
WT0
0 1 0 : : 1
Interval
t x 16 tx1 tx2 : : t x 15
Once the watchdog timer enabled setting WTE bit, it cannot be disabled anymore, except by a system reset. The watchdog timer is frozen during idle or power down mode.
Figure 9. Watchdog timer block diagram
14
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
7.2. Pulse Width Modulated Outputs
The TSC8051C1 contains twelve pulse width modulated output channels (see Figure 10. ). These channels generate pulses of programmable duty cycle with an 8-bit resolution. The 8-bit counter counts modulo 256 by default i.e., from 0 to 255 inclusive but can count modulo 254 i.e., from 0 to 253 inclusive by programming the bit 0 of the PWMCON register. The counter clock is supplied by the oscillator frequency. Thus, the repetition frequency fpwm is constant and equals to the oscillator frequency divided by 256 or 254 (fpwm=46.875KHz or 47.244KHz with a 12MHz oscillator). The 8-bit counter is common to all PWM channels, its value is compared to the contents of the twelve registers: PWM0 to PWM11. Provided the content of each of these registers is greater than the counter value, the corresponding output is set low. If the contents of these registers are equal to, or less than the counter value the output will be high. PWMx: Pulse Width Modulator x Register
MSB
D7 D6 D5 D4 D3 D2 D1
The pulse-width ratio is therefore defined by the contents of these registers, and is in the range of 0 (all `0' written to PWM register) to 255/256 or 1 (all `1' written to PWM register) and may be programmed in increments of 1/256 or 1/254. When the 8-bit counter counts modulo 254, it can never reach the value of the PWM registers when they are loaded with FEh or FFh.
LSB
D0
When a compare register (PWM0 to PWM11) is loaded with a new value, the associated output is updated immediately. It does not have to wait until the end of the current counter period. All the PWM outputs are open-drain outputs with standard current drive and standard maximum voltage capability. When they are disabled, eight of them (PWM0 to PWM7) are in high impedance while the other four (PWM8 to PWM11) are standard Port outputs with internal pullups. PWM0 to PWM11 are write only registers. Their value after reset is 00h. PWM0 to PWM11 are using TSC8051C1 Special Function Registers addresses as detailed in Table 4.
Table 4. PWM SFR register addresses
Channel
PWM0 PWM1 PWM2 PWM3 PWM4 PWM5 PWM6 PWM7 PWM8 PWM9 PWM10 PWM11
SFR address
ECh EDh EEh EFh F4h F5h F6h F7h FCh FDh FEh FFh
Two 8-bit control registers: MXCR0 and MXCR1 are used to enable or disable PWM outputs. MXCR0 is used for PWM0 to PWM7. MXCR1 is used for PWM8 to PWM11, these PWMs are multiplexed with PORT 1 (see Table 5. )
MATRA MHS Rev. D (14 Jan. 97)
15
TSC8051C1
MXCR0: PWM Multiplexed Control Register 0
MSB
PE7 PE6 PE5 PE4
SFR E7h
PE3 PE2 PE1
LSB
PE0
Symbol
PEx
Position
MXCR0.x
Name and Function
PWMX Enable bit. Setting this bit enables PWMx output. Clearing this bit disables PWMx output.
MXCR1: PWM Multiplexed Control Register 1
MSB
- - - -
SFR D7h
PE11 PE10 PE9
LSB
PE8
Symbol
PEx
Position
MXCR1.x
Name and Function
PWMX+8 Enable bit. Setting this bit enables PWMx output. Clearing this bit disables PWMx output and activates the I/O pin (see Table 5).
MXCR0 and MXCR1 are read/write registers. Their value after reset is 00h which corresponds to all PWM disabled. PWM will not operate in idle and power down modes (frozen counter). When idle or power down mode is entered, the PWM0 to PWM7 output pins are floating and PWM8 to PWM11 pins are set to general purpose P1 port with the value of P1 SFR. MXCR0 and MXCR1 are using TSC8051C1 Special Function Register addresses, E7h and D7h respectively. PWMCON: PWM Control Register
MSB
- - - -
Table 5. PWM alternate pin.
Channel
PWM8 PWM9 PWM10 PWM11
Pin assignment
P1.0 P1.1 P1.2 P1.3
PWMCON is used to control the PWM counter.
SFR DFh
- - -
LSB
CMOD
Symbol
CMOD
Position
PWMCON.0
Name and Function
Counter modulo. Setting this bit sets the modulo to 254. Clearing this bit sets the modulo to 256.
PWMCON is a write only register. Its value after reset is 00h which sets the PWM counter modulo to 256. PWMCON is using TSC8051C1 Special Function Register address, DFh.
16
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
Internal bus PWMX register PEX bit
Note: when packaging P2.X is selected, PWM0 to PWM7 are not available. Please refer to ordering information.
8-bit comparator X
Output buffer X
PWMX
7.3. Controlled HSYNC and VSYNC Outputs
SOCR is used to configure P3.3 and P3.5 pins as buffered HSYNC and VSYNC outputs or as general purpose I/Os. When either HSYNC or VSYNC is selected, the output level can be respectively programmed as P3.4 or P3.2 input level (inverted or not), or as a low level if not enabled. Figure 12. shows the programmable HSYNC and VSYNC output block diagram.
fosc
8-bit counter
CMOD bit
Figure 10. Pulse width modulated outputs block diagram
Figure 11. shows a PWM programming example with PWM register content 55h and counter modulo 256.
55h
ABh 100h
Figure 11. PWM programming example. SOCR: Synchronisation Output Control Register.
MSB
- - VOS HOS
SFR E5h
VOP VOE HOP
LSB
HOE
Symbol
HOE HOP VOE VOP HOS VOS
Position
SOCR.0 SOCR.1 SOCR.2 SOCR.3 SOCR.4 SOCR.5
Name and Function
HSYNC Output Enable bit. Setting this bit enables the HSYNC signal. HSYNC Output Polarity bit. Setting this bit inverts the HSYNC output. VSYNC Output Enable bit. Setting this bit enables the VSYNC signal. VSYNC Output Polarity bit. Setting this bit inverts the VSYNC output. HSYNC Output Selection bit. Setting this bit selects the VSYNC output, clearing it selects P3.5 SFR bit. VSYNC Output Selection bit. Setting this bit selects the VSYNC output, clearing it selects P3.3 SFR bit.
SOCR is a write only register. Its value after reset is 00h which enables P3.3 and P3.5 general purpose I/O pins.
SOCR is using TSC8051C1 Special Function Register address, E5h.
MATRA MHS Rev. D (14 Jan. 97)
17
TSC8051C1
8051 CORE P3.5 P3.4/T0/HSYNC PIN
7.4. HSYNC and VSYNC Inputs
MUX P3.5/HOUT PIN
HOP
HOE
HOS
8051 CORE P3.3 P3.2/INT0/HSYNC PIN
MUX
P3.3/VOUT PIN
VOP
VOE
VOS
Figure 12. Buffered HSYNC and VSYNC block diagram EICON: External Input Control Register
MSB
- - - -
EICON is used to control INT0VSYNC input. Thus, an interrupt on either falling or rising edge and on either high or low level can be requested. Figure 13. shows the programmable INT0/VSYNC input block diagram. EICON is also used to control T0/HSYNC input as short pulses input capture to be able to count them with timer 0. Pulse duration shorter than 1 clock period is rejected; depending on the position of the sampling point in the pulse, pulse duration longer than 1 clock period and shorter than 1.5 clock period may be rejected or accepted; and pulse duration longer than 1.5 clock period is accepted. Moreover selection of negative or positive pulses can be programmed. Accepted pulse is lengthened up to 1 cycle period to be sampled by the 8051 core (one time per machine cycle: 12 clock periods), this implies that the maximum pulse frequency is unchanged and equal to fOSC/24. Figure 14. shows the programmable T0/HSYNC input block diagram. The Digital Timer Delay samples T0/HSYNC pulses and rejects or lengthens them.
SFR E4h
- T0L T0S
LSB
I0L
Symbol
I0L T0S T0L
Position
EICON.0 EICON.1 EICON.2
Name and Function
INT0/VSYNC input Level bit. Setting this bit inverts INT0/VSYNC input signal. Clearing it allows standard use of INT0/VSYNC input. T0/HSYNC input Selection bit. Setting this bit allows short pulse capture. Clearing it allows standard use of T0/HSYNC input. T0/HSYNC input Level bit. Setting this bit allows positive pulse capture. Clearing it allows negative pulse capture.
EICON is a write only register. Its value after reset is 00h which allows standard INT0 and T0 inputs feature. EICON is using TSC8051C1 Special Function Register address, E4h.
P3.4/T0/HSYNC PIN T0L MUX INT0 P3.2/INT0/VSYNC PIN I0L Digital Time Delay
MUX T0
T0S fOSC
Figure 14. T0/HSYNC input block diagram
7.5. SIO1, I2C Serial I/O
SIO1 provides a serial interface that meets the I2C bus specification and supports the master transfer modes with multimaster capability from and to the I2C bus. The SIO1 logic handles bytes transfer autonomously. It also keeps track of serial transfers and a status register reflects the status of SIO1 and the I2C bus.
Figure 13. INT0/VSYNC input block diagram
18
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
Figure 15. shows a typical use of I2C bus with SIO1, and Figure 16. shows a complete data transfer with SIO1.
TSC8051C1 Device 1 Device 2 Device N
SCL/P3.6 SDA/P3.7
Rp Rp
Figure 15. Typical I2C bus configuration
SDA MSB Slave Address R/W direction bit 1 S Clock line held low while interrupts are serviced 2 8 Acknowledgment signal from receiver Nth data byte Acknowledgment signal from receiver
SCL
9
1
2
8
9 P/S
Figure 16. Complete data transfer on I2C bus Three 8-bit special function registers are used to control SIO1: the control register (S1CON SFR), the status register (S1STA SFR) and the data register (S1DAT SFR). S1CON: Synchronous Serial Control Register
MSB
CR2 ENS1 STA STO
S1CON is used to enable SIO1, to program the bit rate (see Table 6. ), to acknowledge or not a received data, to send a start or a stop condition on the I2C bus, and to acknowledge a serial interrupt.
SFR D8h
SI AA CR1
LSB
CR0
Symbol
CR0 CR1 AA
Position
S1CON.0 S1CON.1 S1CON.2
Name and Function
Control Rate bit 0. See Table 6. Control Rate bit 1. See Table 6. Assert Acknowledge flag. In receiver mode, setting this bit forces an acknowledge (low level on SDA). In receiver mode, clearing this bit forces a not acknowledge (high level on SDA). When in transmitter mode, this bit has no effect. Synchronous Serial Interrupt flag. This bit is set by hardware when a serial interrupt is requested. This bit must be reset by software to acknowledge interrupt. Stop flag. Setting this bit causes a stop condition to be sent on bus. Start flag. Setting this bit causes a start condition to be sent on bus. Synchronous Serial Enable bit. Setting this bit enables the SIO1 controller. Control Rate bit 2. See Table 6.
SI ST0 STA ENS1 CR2
S1CON.3 S1CON.4 S1CON.5 S1CON.6 S1CON.7
S1CON is a read/write. Its value after reset is 00h which disables the I2C controller. MATRA MHS Rev. D (14 Jan. 97)
S1CON is using TSC8051C1 Special Function Register address, D8h. 19
TSC8051C1
Table 6. Serial Clock Rates
Bit frequency (kHz) CR2
0 0 0 0 1 1 1 1
CR1
0 0 1 1 0 0 1 1
CR0
0 1 0 1 0 1 0 1
6MHz
23.5 27 31.25 37.5 6.25 50 100 0.25<62.5
12MHz
47 53.5 62.5 75 12.5 100 - 0.5<62.5
fosc divided by
256 224 192 160 960 120 60 Timer 1 overflow 96 x (256 - reload value) value: 0-254 in mode 2
S1STA contains a status code which reflects the status of SIO1 and the I2C bus. The three least significant bits are always zero. The five most significant bits contains the status code. There are 12 possible status code. When S1STA contains F8h, no relevant state information is available and no serial interrupt is requested. A valid status code is available in S1STA one machine cycle after SI is set by hardware and is still present one machine cycle after SI has been reset by software. Table 7. to Table 9. give the status for the operating modes and miscellaneous states. S1STA: Synchronous Serial Status Register
MSB
SC4 SC3 SC2 SC1
SFR D9h
SC0 0 0
LSB
0
Symbol
SC0 SC1 SC2 SC3 SC4
Position
S1STA.3 S1STA.4 S1STA.5 S1STA.6 S1STA.7
Name and Function
Status Code bit 0. Status Code bit 1. Status Code bit 2. Status Code bit 3. Status Code bit 4.
S1STA is a read only register. Its value after reset is F8h.
S1STA is using TSC8051C1 Special Function Register address, D9h.
20
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
Table 7. Status for master transmitter mode.
Status code
08h 10h 18h 20h 28h 30h 38h
Table 9. Status for miscellaneous states
Status code
00h F8h
Status of I2C bus and SIO1 hardware
A START condition has been transmitted. A repeated START condition has been transmitted SLA+W has been transmitted; ACK has been received. SLA+W has been transmitted; NOT ACK has been received. Data byte has been transmitted; ACK has been received. Data byte has been transmitted; NOT ACK has been received. Arbitration lost in SLA+R/W or data bytes.
Status of I2C bus and SIO1 hardware
Bus error. No relevant state information available.
S1DAT contains a byte of serial data to be transmitted or a byte which has just been received. It is addressable while it is not in process of shifting a byte. This occurs when SIO1 is in a defined state and the serial interrupt flag is set. Data in S1DAT remains stable as long as SI is set. While data is being shifted out, data on the bus is simultaneously shifted in; S1DAT always contains the last byte present on the bus.
Table 8. Status for master receiver mode
Status code
08h 10h 38h 40h 48h 50h 58h
Status of I2C bus and SIO1 hardware
A START condition has been transmitted. A repeated START condition has been transmitted. Arbitration lost in NOT ACK bit SLA+R has been transmitted; ACK has been received. SLA+R has been transmitted; NOT ACK has been received. Data byte has been received; ACK has been received. Data byte has been received; NOT ACK has been received.
S1DAT: Synchronous Serial Data Register
MSB
SD7 SD6 SD5 SD4
SFR DAh
SD3 SD2 SD1
LSB
SD0
Symbol
SD0 SDX
Position
S1DAT.0 S1DAT.X
Name and Function
Address bit 0 (R/W) or Data bit 0. Address bit X or Data bit X.
S1DAT is a read/write register. Its value after reset is 00h. S1DAT is using TSC8051C1 Special Function Register address, DAh.
When SIO1 is enabled, P3.6 and P3.7 must be set to 1 to avoid low level asserting on SCL or SDA lines. When SIO1 is used, external data memory access is not available.
MATRA MHS Rev. D (14 Jan. 97)
21
TSC8051C1
8. Electrical Characteristics
Absolute Maximum Ratings(1)
Operating Temperature: Voltage on VCC to VSS . . . . . . . . . . . . . . -0.5V to +7V Commercial . . . . . . . . . . . . . . . . . . . . . . . . 0C to 70C Voltage on Any Pin to VSS . . . . -0.5V to VCC + 0.5V Industrial . . . . . . . . . . . . . . . . . . . . . . . -40C to +85C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . 1W(2) Storage Temperature . . . . . . . . . . . . . -65C to +150C
Notice: 1. Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2. This value is based on the maximum allowable die temperate and the thermal resistance of the package.
8.1. DC Characteristics
TA = 0C to +70C; VSS = 0V; VCC = 5V 10%; F = 0 to 16MHz. TA = -40C to +85C; VSS = 0V; VCC = 5V 10%; F = 0 to 16MHz.
Symbol Inputs
VIL VIL1 VIH VIH1 VIH2 IIL ILI ITL Input Low Voltage, except SCL, SDA Input Low Voltage, SCL, SDA(5) Input High Voltage except XTAL1, RST, SCL, SDA Input High Voltage, XTAL1, RST Input High Voltage, SCL, SDA(5) -0.5 -0.5 0.2 Vcc + 0.9 0.7 Vcc 0.7 Vcc 0.2 Vcc - 0.1 0.3 Vcc Vcc + 0.5 Vcc + 0.5 Vcc + 0.5 -50 10 -650 V V V V V A A A Vin = 0.45V 0.45 < Vin < Vcc Vin = 2.0V
Parameter
Min
Typ
Max
Unit
Test Conditions
Logical 0 Input Current ports 1, 2 and 3 Input Leakage Current Logical 1 to 0 Transition Current, ports 1, 2, 3
Outputs
VOL Output Low Voltage, ports 1, 2, 3, SCL, SDA, PWM0-7 (7) Output Low Voltage, port 0, ALE, PSEN (7) 0.3 0.45 1.0 0.3 0.45 1.0 Vcc - 0.3 Vcc - 0.7 Vcc - 1.5 V V V V V V V V V IOL = 100A(4) IOL = 1.6mA(4) IOL = 3.5mA(4) IOL = 200A(4) IOL = 3.2mA(4) IOL = 7.0mA(4) IOH = -10A IOH = -30A IOH = -60A Vcc = 5V 10% IOH =-200A IOH = -3.2mA IOH = -7.0mA Vcc = 5V 10%
VOL1
VOH
Output High Voltage, ports 1, 2, 3, SCL, SDA
VOH1
Output High Voltage, port 0, ALE, PSEN
Vcc - 0.3 Vcc - 0.7 Vcc - 1.5 90 (6)
V V V
RRST
RST Pulldown Resistor
50
200
k
22
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
Symbol
CIO ICC
Parameter
Capacitance of I/O Buffer Power Supply Current (8) Active Mode 12MHz Idle Mode 12MHz Power Down Current
Min
Typ
Max
10
Unit
pF mA mA A
Test Conditions
fc = 1MHz, TA = 25C Vcc = 5.5V(1) Vcc = 5.5V(2) Vcc = 2.0V to 5.5V(3)
8.5 (6) 2.6 (6) 5 (6)
17 8 30
IPD
Notes for DC Electrical Characteristics 1. ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 20. ), VIL = VSS + 0.5V, VIH = VCC - 0.5V; XTAL2 N.C.; EA = RST = Port 0 = VCC. ICC would be slightly higher if a crystal oscillator used (see Figure 17. ). 2. Idle ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5ns, VIL = VSS + 0.5V, VIH = VCC-0.5V; XTAL2 N.C; Port 0 = VCC; EA = RST = VSS (see Figure 19. ). 3. Power Down ICC is measured with all output pins disconnected; EA = PORT 0 = VCC; XTAL2 NC.; RST = VSS (see Figure 19. ). 4. Capacitance loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the VOLs of ALE and Ports 1 and 3. The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0 transitions during bus operation. In the worst cases (capacitive loading 100pF), the noise pulse on the ALE line may exceed 0.45V with maxi VOL peak 0.6V. A Schmitt Trigger use is not necessary. 5. The input threshold voltage of SCL and SDA (SIO1) meets the I2C specification, so an input voltage below 0.3.VCC will be recognised as a logic 0 while an input voltage above 0.7.VCC will be recognised as a logic 1. 6. Typicals are based on a limited number of samples and are not guaranteed. The values listed are at room temperature and 5V. 7. Under steady state (non-transient) conditions, IOL must be externally limited as follows: Maximum IOL per port pin: 10 mA Maximum IOL per 8-bit port: Port 0: 26 mA Ports 1, 2 and 3: 15 mA Maximum total IOL for all output pins: 71 mA If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test conditions. 8. For other values, please contact your sales office.
VCC ICC VCC P0 VCC RST (NC) CLOCK SIGNAL XTAL2 XTAL1 VSS All other pins are disconnected. EA VCC
VCC ICC VCC P0 RST (NC) CLOCK SIGNAL XTAL2 XTAL1 VSS All other pins are disconnected. EA VCC
Figure 18. ICC Test Condition, Idle Mode.
VCC ICC VCC P0 RST (NC) XTAL2 XTAL1 VSS All other pins are disconnected. EA VCC
Figure 19. ICC Test Condition, Power Down Mode.
Figure 17. ICC Test Condition, Active Mode.
MATRA MHS Rev. D (14 Jan. 97)
23
TSC8051C1
Vcc-0.5V 0.7Vcc 0.2Vcc-0.1
0.45V
TCHCL
TCLCH
TCLCH = TCHCL = 5ns.
Figure 20. Clock Signal Waveform for ICC Tests in Active and Idle Modes.
8.2. Explanation Of The AC Symbol
Each timing symbol has 5 characters. The first character is always a "T" (stands for time). The other characters, depending on their positions, stand for the name of a signal or the logical status of that signal. The following is a list of all the characters and what they stand for. A: Address. C: Clock. D: Input data. H: Logic level HIGH. I: Instruction (Program memory contents). L: Logic level LOW, or ALE. P: PSEN.
Example: TAVLL = Time for Address Valid to ALE low. TLLPL = Time for ALE low to PSEN low.
Q: Output data. R: READ signal. T: Time. V: Valid. W: WRITE signal. X: No longer a valid logic level. Z: Float. TA = -40C to +85C; VSS = 0V; VCC = 5V 10%; F = 0 to 12MHz. (Load Capacitance for PORT 0, ALE and PSEN = 100pf; Load Capacitance for all other outputs = 80 pF.)
8.3. AC Parameters
TA = 0 to +70_C; VSS = 0V VCC = 5V10%; 0 to 12MHz
8.4. External Program Memory Characteristics
0 to 12MHz Symbol
TLHLL TAVLL TLLAX TLLIV TLLPL TPLPH TPLIV TPXIX ALE pulse width Address Valid to ALE Address Hold After ALE ALE to Valid Instruction In ALE to PSEN PSEN Pulse Width PSEN to Valid Instruction In Input Instruction Hold After PSEN 0 TCLCL - 30 3TCLCL - 45 3TCLCL - 105
Parameter Min
2TCLCL - 40 TCLCL - 40 TCLCL - 30 4TCLCL - 100
Units Max
ns ns ns ns ns ns ns ns
24
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
0 to 12MHz Symbol
TPXIZ TPXAV TAVIV TPLAZ
Parameter Min
Input Instruction Float After PSEN PSEN to Address Valid Address to Valid Instruction In PSEN Low to Address Float TCLCL - 8 5TCLCL - 105 10
Units Max
TCLCL - 25 ns ns ns ns
8.5. External Program Memory Read Cycle
12 TCLCL
TLHLL TLLIV TLLPL TPLPH
ALE
PSEN
TLLAX TAVLL TPLIV TPLAZ TPXIX
TPXAV TPXIZ
PORT 0
INSTR IN
A0-A7
TAVIV
INSTR IN
A0-A7
INSTR IN
PORT 2
ADDRESS OR SFR-P2
ADDRESS A8-A15
ADDRESS A8-A15
8.6. External Data Memory Characteristics
0 to 12MHz Symbol
TRLRH TWLWH TRLDV TRHDX TRHDZ TLLDV TAVDV TLLWL TAVWL TQVWX TQVWH TWHQX TRLAZ TWHLH RD Pulse Width WR Pulse Width RD to Valid Data In Data Hold After RD Data Float After RD ALE to Valid Data In Address to Valid Data In ALE to WR or RD Address to WR or RD Data Valid to WR Transition Data set-up to WR High Data Hold After WR RD Low to Address Float RD or WR High to ALE high TCLCL-40 3TCLCL-50 4TCLCL-130 TCLCL-50 7TCLCL-150 TCLCL-50 0 TCLCL+40 0 2TCLCL-60 8TCLCL-150 9TCLCL-165 3TCLCL+50
Parameter Min
6TCLCL-100 6TCLCL-100 5TCLCL-165
Units Max
ns ns ns ns ns ns ns ns ns ns ns ns ns ns
MATRA MHS Rev. D (14 Jan. 97)
25
TSC8051C1
8.7. External Data Memory Write Cycle
TWHLH
ALE
PSEN
TLLWL
TWLWH
WR
TQVWX TLLAX TQVWH TWHQX
PORT 0
A0-A7
TAVWL
DATA OUT
PORT 2
ADDRESS OR SFR-P2
ADDRESS A8-A15 OR SFR P2
8.8. External Data Memory Read Cycle
TWHLH
ALE
TLLDV
PSEN
TLLWL
TRLRH
RD
TAVDV TLLAX TRHDX
TRHDZ
PORT 0
A0-A7
TAVWL TRLAZ
DATA IN
PORT 2
ADDRESS OR SFR-P2
ADDRESS A8-A15 OR SFR P2
8.9. Serial Port Timing-Shift Register Mode
0 to 12MHz Symbol
TXLXL TQVHX TXHQX TXHDX TXHDV
Parameter Min
Serial port clock cycle time Output data set-up to clock rising edge Output data hold after clock rising edge Input data hold after clock rising edge Clock rising edge to input data valid 12TCLCL 10TCLCL-133 2TCLCL-117 0 10TCLCL-133
Units Max
ns ns ns ns ns
26
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
8.10. Shift Register Timing Waveforms
INSTRUCTION ALE TXLXL CLOCK TQVXH OUTPUT DATA WRITE to SBUF INPUT DATA CLEAR RI 0 TXHDV
VALID VALID
0
1
2
3
4
5
6
7
8
TXHQX 1 2 TXHDX
VALID VALID VALID VALID VALID
3
4
5
6
7 SET TI
VALID
SET RI
8.11. SIO1 (I2C) Interface Timing
Symbol
THD; STA TLOW THIGH TRC TFC TSU; DAT1 TSU; DAT2 TSU; DAT3 THD; DAT TSU; STA TSU; STO TBUF TRD TFD Start condition hold time SCL low time SCL high time SCL rise time SCL fall time Data set-up time SDA set-up time (before repeated START condition) SDA set-up time (before STOP condition) Data hold time Repeated START set-up time STOP condition set-up time Bus free time SDA rise time SDA fall time
Parameter
Input
14 TCLCL 16 TCLCL 14 TCLCL 1s 0.3s 250ns 250ns 250ns 0ns 14 TCLCL 14 TCLCL 14 TCLCL 1s 0.3s
Output
> 4.0s (1) > 4.7s (1) > 4.0s (1) - (2) < 0.3s (3) > 20 TCLCL - TRD > 1s (1) > 8 TCLCL > 8 TCLCL - TFC > 4.7s (1) > 4.0s (1) > 4.7s (1) - (2) < 0.3s (3)
Notes: 1. At 100 kbit/s. At other bit-rates this value is inversely proportional to the bit-rate of 100 kbit/s. 2. Determined by the external bus-line capacitance and the external bus-line pull-up resistor, this must be < 1s.
3. Spikes on the SDA and SCL lines with a duration of less than 3 TCLCL will be filtered out. Maximum capacitance on bus-lines SDA and SCL = 400pF.
MATRA MHS Rev. D (14 Jan. 97)
27
TSC8051C1
8.12. SIO1 (I2C) Timing Waveforms
START or repeated START condition Repeated START condition STOP condition Repeated START condition TSU ;STA 0.7 VCC 0.3 VCC TFD SCL (INPUT/OUTPUT) TRC TFC TBUF TSU;STO 0.7 VCC 0.3 VCC TSU;DAT3 THD ;STA TLOW THIGH TSU ;DAT1 THD ;DAT TSU ;DAT2
TRD SDA (INPUT/OUTPUT)
8.13. External Clock Drive Characteristics (XTAL1)
Symbol
TCLCL TCHCX TCLCX TCLCH TCHCL Oscillator Period High Time Low Time Rise Time Fall Time
Parameter
Min
83.3 5 5
Max
Units
ns ns ns
5 5
ns ns
8.14. External Clock Drive Waveforms
Vcc-0.5V 0.45V 0.7Vcc 0.2Vcc-0.1 TCHCL TCLCX TCLCL TCHCX TCLCH
8.15. AC Testing Input/Output Waveforms
Vcc -0.5 V INPUT/OUTPUT 0.45 V 0.2 Vcc + 0.9 0.2 Vcc - 0.1
AC inputs during testing are driven at Vcc - 0.5 for a logic "1" and 0.45V for a logic "0". Timing measurement are made at VIH min for a logic "1" and VIL max for a logic "0".
28
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
8.16. Float Waveforms
FLOAT VOH - 0.1 V VOL + 0.1 V FLOAT VLOAD VLOAD + 0.1 V VLOAD - 0.1 V
For timing purposes as port pin is no longer floating when a 100 mV change from load voltage occurs and begins to float when a 100 mV change from the loaded VOH/VOL level occurs. IOL/IOH 20mA.
MATRA MHS Rev. D (14 Jan. 97)
29
TSC8051C1
8.17. Clock Waveform
INTERNAL CLOCK XTAL2 ALE THESE SIGNALS ARE NOT ACTIVATED DURING THE EXECUTION OF A MOVX INSTRUCTION STATE4 P1 P2 STATE5 P1 P2 STATE6 P1 P2 STATE1 P1 P2 STATE2 P1 P2 STATE3 P1 P2 STATE4 P1 P2 STATE5 P1 P2
EXTERNAL PROGRAM MEMORY FETCH PSEN P0 DATA SAMPLED FLOAT P2 (EXT) PCL OUT DATA SAMPLED FLOAT INDICATES ADDRESS TRANSITIONS
PCL OUT
DATA SAMPLED FLOAT
PCL OUT
READ CYCLE RD 00H IS EMITTED DURING THIS PERIOD DPL OR Rt OUT PCL OUT (IF PROGRAM MEMORY IS EXTERNAL) DATA SAMPLED FLOAT
P0
P2
INDICATES DPH OR P2 SFR TO PCH TRANSITION
WRITE CYCLE WR PCL OUT (EVEN IF PROGRAM MEMORY IS INTERNAL) DPL OR Rt OUT DATA OUT P2 INDICATES DPH OR P2 SFR TO PCH TRANSITION PCL OUT (IF PROGRAM MEMORY IS EXTERNAL)
P0
PORT OPERATION MOV PORT SRC OLD DATA P0 PINS SAMPLED MOV DEST P0 MOV DEST PORT (P1. P2. P3) (INCLUDES INTO. INT1. TO T1) SERIAL PORT SHIFT CLOCK TXD (MODE 0) P1, P2, P3 PINS SAMPLED P1, P2, P3 PINS SAMPLED NEW DATA P0 PINS SAMPLED
RXD SAMPLED
RXD SAMPLED
This diagram indicates when signals are clocked internally. The time it takes the signals to propagate to the pins, however, ranges from 25 to 125ns. This propagation delay is dependent on variables such as temperature and pin loading. Propagation also varies
from output to output and component. Typically though (TA=25_C fully loaded) RD and WR propagation delays are approximately 50ns. The other signals are typically 85ns. Propagation delays are incorporated in the AC specifications.
30
MATRA MHS Rev. D (14 Jan. 97)
TSC8051C1
9. Ordering Information
12 16
TSC
51C1
XXX
-A
C
B
R
Part Number 8051C1: Romless version 51C1: 8Kx8 Mask ROM
-12 : 12 MHz version -16 : 16 MHz version
Bounding Option -none : 12 PWM -A : 4 PWM & P2x Customer Rom Code TEMIC Semiconductor Microcontroller Product Line
Packaging A : PDIL 40 B : PLCC 44 C : PQFP 44 D : SSOP 44 E : PLCC 52 G : CDIL 40 H : LCC 44 I : CQPJ 44 Conditioning R : Tape & Reel D : Dry Pack B : Tape & Reel and Dry Pack
Temperature Range C : Commercial 0 to 70C I : Industrial -40 to 85C
Examples
Part Number TSC51C1XXX-12CA TSC8051C1-16CER Description Mask ROM XXX, 12 MHz, PDIL 40, 0 to 70C ROMless, 16 MHz, PLCC 52, 0 to 70C, Tape and Reel
Development Tools
Reference ANM059 IM-80C51-RB-400-40 PC-TSC8051C1-RB-16 Description Application Note: "How to recognize video mode and generate free running synchronization signals using TSC8051C1/C2 Microcontroller" Emulator Base Probe card for TSC8051C1. These products are released by Metalink. Please consult the local tools distributor or your sales office.
Product Marking : TEMIC Customer P/N Temic P/N (c) Intel 80, 82 YYWW Lot Number
MATRA MHS Rev. D (14 Jan. 97)
31


▲Up To Search▲   

 
Price & Availability of TSC8051C1X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X